Part Number Hot Search : 
1N3890TR 41202 S24IZ R65C22J3 LTC553 CMDD6001 DUG38A 1N415
Product Description
Full Text Search
 

To Download MIC-3961 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-3961
5 V only
6U CompactPCI(R) PCI Carrier Board Features
64-bit PCI interface 33/66 MHz PCI clock selectable Hold-down bracket to secure PCI board
CD-ROM is not included
RoHS
COMPLIANT
2002/95/EC
Introduction
The MIC-3961 is a 6U CompactPCI(R) PCI carrier board that allows users to attach a 32/64-bit PCI card via a J1/J2 connector to a CompactPCI platform. The hold-down bracket secures the PCI card onto the carrier board and protects it against vibration and shock. In addition, the bracket allows a cable to be routed through the front slot panel.
Specifications
Bus Power PCI Power Consumption Temperature Humidity Vibration (5 ~ 500 Hz) Physical Characteristics Reliability Compliance Dimensions (W x D) Weight Mean-Time-To-Repair (MTTR) 32-bit/33 MHz, 64-bit/66 MHz 1 W @ 33 MHz Operating Environment 0 ~ 60 C (32 ~ 140 F) 1.0 Grms 233.35 x 160 mm (9.2" x 6.3"), 1-slot width 0.6 kg (1.32 lb) 5 minutes Non-Operating -20 ~ 80 C (-4 ~ 176 F) 5 ~ 95 % @ 60 C, non-condensing 2.0 G
PICMG 2.0 R3.0 CompactPCI Specification
Recommended Configurations
PCI Carrier Board MIC-3961-AE Enclosure MIC-3039-B, MIC-3056, MIC-3041, MIC-3042, MIC-3043, MIC-3081B, CP-150 series
Removable slide card holder
Note: 1. Because of the PCI slot form factor, it can not support 3.3 V PCI card
PCI connector
Ordering Information
Part Number MIC-3961-AE Description 6U CompactPCI PCI carrier board Note: Please contact your sales distributor for the optional internal-to-panel cable adaptation assembly set
32-bit/33 MHz; 64-bit/66 MHz CompactPCI connector
All product specifications are subject to change without notice
Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of MIC-3961

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X